Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021D Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1021D
Description  1-Mbit (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021D Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1021D Datasheet HTML 3Page - Cypress Semiconductor CY7C1021D Datasheet HTML 4Page - Cypress Semiconductor CY7C1021D Datasheet HTML 5Page - Cypress Semiconductor CY7C1021D Datasheet HTML 6Page - Cypress Semiconductor CY7C1021D Datasheet HTML 7Page - Cypress Semiconductor CY7C1021D Datasheet HTML 8Page - Cypress Semiconductor CY7C1021D Datasheet HTML 9Page - Cypress Semiconductor CY7C1021D Datasheet HTML 10Page - Cypress Semiconductor CY7C1021D Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY7C1021D
Document #: 38-05462 Rev. *E
Page 11 of 11
Document History Page
Document Title: CY7C1021D, 1-Mbit (64K x 16) Static RAM
Document Number: 38-05462
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
201560
See ECN
SWI
Advance Information data sheet for C9 IPP
*A
233695
See ECN
RKF
DC parameters modified as per EROS (Spec # 01-02165)
Pb-free Offering in the Ordering Information
*B
263769
See ECN
RKF
Added Data Retention Characteristics Table
Added Tpower Spec in Switching Characteristics Table
Shaded Ordering Information
*C
307601
See ECN
RKF
Reduced Speed bins to –10 and –12 ns
*D
520647
See ECN
VKN
Converted from Preliminary to Final
Removed Commercial Operating range
Added ICC values for the frequencies 83MHz, 66MHz and 40MHz
Updated Thermal Resistance table
Added Automotive Product Information
Updated Ordering Information Table
Changed Overshoot spec from VCC+2V to VCC+1V in footnote #4
*E
802877
See ECN
VKN
Changed Commercial operating range ICC spec from 60 mA to 80 mA for
100MHz, 55 mA to 72 mA for 83MHz, 45 mA to 58 mA for 66MHz, 30 mA to
37 mA for 40MHz
Changed Automotive operating range ICC spec from 100 mA to 120 mA for
83MHz, 90 mA to 100 mA for 66MHz, 60 mA to 63 mA for 40MHz
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021D-10VXI CYPRESS-CY7C1021D-10VXI Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10ZSXI CYPRESS-CY7C1021D-10ZSXI Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com