Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021CV33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021CV33
Description  1-Mbit (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021CV33_06 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33_06 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C1021CV33
Document #: 38-05132 Rev. *G
Page 3 of 13
Pin Definitions
Pin Name
SOJ, TSOP
Pin Number
BGA Pin
Number
I/O Type
Description
A0–A15
1–5, 18–21,
24–27, 42–44
A3, A4, A5,
B3, B4, C3,
C4, D4, H2,
H3, H4, H5,
G3, G4, F3,
F4
Input
Address Inputs used to select one of the address locations.
I/O0–I/O15
[3]
7–10, 13–16,
29–32, 35–38
B6, C6, C5,
D5, E5, F5,
F6, G6, B1,
C1, C2, D2,
E2, F2, F1,
G1
Input/Output Bidirectional Data I/O lines. Used as input or output lines
depending on operation.
NC
22, 23, 28
A6, D3, E3,
E4, G2, H1,
H6
No Connect No Connects. Not connected to the die.
WE
17
G5
Input/Control Write Enable Input, active LOW. When selected LOW, a Write is
conducted. When deselected HIGH, a Read is conducted.
CE
6
B5
Input/Control Chip Enable Input, active LOW. When LOW, selects the chip.
When HIGH, deselects the chip.
BHE, BLE
40, 39
B2, A1
Input/Control Byte Write Select Inputs, active LOW. BHE controls I/O16–I/O9,
BLE controls I/O8–I/O1.
OE
41
A2
Input/Control Output Enable, active LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins are allowed to behave as outputs. When
deasserted HIGH, I/O pins are tri-stated, and act as input data pins.
VSS
12,34
D1, E6
Ground
Ground for the device. Should be connected to ground of the
system.
VCC
11,33
D6, E1
Power Supply Power Supply inputs to the device.
Note:
3. I/O1–I/O16 for SOJ/TSOP and I/O0–I/O15 for BGA packages.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021CV33_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com