Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164-35L32CLF Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C164-35L32CLF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-35L32CLF Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C164-35L32CLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-35L32CLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Document # SRAM115 REV F
Revised June 2007
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 8/10/12/15/20/25/35/70/100 ns (Commercial)
– 10/12/15/20/25/35/70/100 ns(Industrial)
– 12/15/20/25/35/45/70/100 ns (Military)
Low Power Operation
Output Enable and Dual Chip Enable Control
Functions
Single 5V±10% Power Supply
Data Retention with 2.0V Supply, 10 µA Typical
Current (P4C164L Military)
Common Data I/O
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil Plastic DIP, SOJ
– 28-Pin 600 mil Plastic DIP (70 & 100ns)
– 28-Pin 300 mil SOP (70 & 100ns)
– 28-Pin 300 mil Ceramic DIP
– 28-Pin 600 mil Ceramic DIP
– 28-Pin 350 x 550 mil LCC
– 32-Pin 450 x 550 mil LCC
– 28-Pin CERPACK
P4C164
ULTRA HIGH SPEED 8K x 8
STATIC CMOS RAMS
DESCRIPTION
The P4C164 is a 65,536-bit ultra high-speed static RAM
organized as 8K x 8. The CMOS memory requires no
clocks or refreshing and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM operates
from a single 5V±10% tolerance power supply. With
battery backup, data integrity is maintained with supply
voltages down to 2.0V. Current drain is typically 10 µA
from a 2.0V supply.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
1519B
DIP (P5, P6, C5, C5-1, D5-1, D5-2),
SOJ (J5), CERPACK (F4), SOP(S6)
SEE PAGE 7 FOR LCC PIN CONFIGURATIONS
Access times as fast as 8 nanoseconds are available,
permitting greatly enhanced system operating speeds.
The P4C164 is available in 28-pin 300 mil DIP and SOJ, 28-
pin 600 mil plastic and ceramic DIP, 28-pin 350 x 550 mil
LCC, 32-pin 450 x 550 mil LCC, and 28-pin CERPACK.
The 70ns and 100ns P4C164s are available in the 600 mil
plastic DIP.


Similar Part No. - P4C164-35L32CLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164-35L32CLF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com