Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BNV33 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1021BNV33
Description  64K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1021BNV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY7C1021BNV33
Document #: 001-06433 Rev. **
Page 2 of 10
Pin Configurations
Selection Guide
-10
-12
-15
Maximum Access Time (ns)
10
12
15
Maximum Operating Current (mA)
Commercial
160
150
140
Industrial
180
170
160
Maximum CMOS Standby Current (mA)
Commercial/Industrial
5
5
5
L0.5
0.5
0.5
Mini BGA
(Top View)
BLE
OE
BHE
WE
A0
A4
A1
A2
CE
VSS
I/O1
A3
I/O9
I/O11
I/O10
A6
A5
I/O3
I/O2
I/O5
I/O12 NC
A7
I/O4 VCC
NC
VSS
VCC I/O13 NC
NC
I/O15 I/O14
I/O8
A8
A15
A14
I/O6 I/O7
I/O16 NC
A12
A13
NC
NC
A9
A10
A11
12
3
4
5
6
A
B
C
D
E
F
G
H
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021BNV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
727Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1021BNV33L-10VXC CYPRESS-CY7C1021BNV33L-10VXC Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-10ZXC CYPRESS-CY7C1021BNV33L-10ZXC Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021BNV33L-12ZC CYPRESS-CY7C1021BNV33L-12ZC Datasheet
521Kb / 10P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com