Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BN Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1021BN
Description  1-Mbit (64K x 16) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BN Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1021BN Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BN Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY7C1021BN
CY7C10211BN
Document #: 001-06494 Rev. *A
Page 5 of 10
Write Cycle[8]
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE LOW to Write End
8
9
10
ns
tAW
Address Set-Up to Write End
7
8
10
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Set-Up to Write Start
0
0
0
ns
tSD
Data Set-Up to Write End
5
6
8
ns
tHD
Data Hold from Write End
0
0
0
ns
tLZWE
WE HIGH to Low Z[6]
33
3
ns
tHZWE
WE LOW to High Z[6, 7]
56
7
ns
tBW
Byte Enable to End of Write
7
8
9
ns
Switching Waveforms
Read Cycle No. 1[9, 10]
Read Cycle No. 2 (OE Controlled)[10, 11]
Notes:
8. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE / BLE LOW. CE, WE and BHE / BLE must be LOW to initiate a
write, and the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that
terminates the write.
9. Device is continuously selected. OE, CE, BHE and/or BHE = VIL.
10. WE is HIGH for read cycle.
Switching Characteristics[5] Over the Operating Range (continued)
Parameter
Description
7C10211B-10
7C1021B-12
7C1021B-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
HIGH
ICC
ISB
IMPEDANCE
DATA
tDBE
tLZBE
tHZCE
ICC
ISB
ADDRESS
OE
CE
BHE,BLE
OUT
VCC
SUPPLY
CURRENT
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BN-12VC CYPRESS-CY7C1021BN-12VC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VI CYPRESS-CY7C1021BN-12VI Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VXC CYPRESS-CY7C1021BN-12VXC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VXI CYPRESS-CY7C1021BN-12VXI Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12ZC CYPRESS-CY7C1021BN-12ZC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com