Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C147-25CMB Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C147-25CMB
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-25CMB Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C147-25CMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-25CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P4C147
Page 5 of 10
Document # SRAM103 REV A
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
Mode
CE
CE
CE
CE
CE
WE
WE
WE
WE
WE
Output
Power
Standby
H
X
High Z
Standby
Read
L
H
D
OUT
Active
Write
L
L
High Z
Active
TRUTH TABLE
AC TEST CONDITIONS
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Due to the ultra-high speed of the P4C147, care must be taken when
testing this device; an inadequate setup can cause a normal functioning
part to be rejected as faulty. Long high-inductance leads that cause
supply bounce must be avoided by bringing the V
CC and ground planes
directly up to the contactor fingers. A 0.01 µF high frequency capacitor
is also required between V
CC and ground. To avoid signal reflections,
proper termination must be used; for example, a 50
test environment
should be terminated into a 50
load with 1.73V (Thevenin Voltage) at
the comparator input, and a 116
resistor must be used in series with
D
OUT to match 166(Thevenin Resistance).


Similar Part No. - P4C147-25CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147-25DC ETC-P4C147-25DC Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-25DM ETC-P4C147-25DM Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-25DMB ETC-P4C147-25DMB Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-25FC ETC-P4C147-25FC Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-25FM ETC-P4C147-25FM Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results

Similar Description - P4C147-25CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147 ETC-P4C147 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
   4K x 1 STATIC RAM
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com