Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC176QDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC176QDR
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC176QDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC176QDR Datasheet HTML 2Page - Texas Instruments SN65LBC176QDR Datasheet HTML 3Page - Texas Instruments SN65LBC176QDR Datasheet HTML 4Page - Texas Instruments SN65LBC176QDR Datasheet HTML 5Page - Texas Instruments SN65LBC176QDR Datasheet HTML 6Page - Texas Instruments SN65LBC176QDR Datasheet HTML 7Page - Texas Instruments SN65LBC176QDR Datasheet HTML 8Page - Texas Instruments SN65LBC176QDR Datasheet HTML 9Page - Texas Instruments SN65LBC176QDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
SN55LBC176
SN65LBC176Q
SN65LBC176
SN75LBC176
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP†
MAX
UNIT
td(OD)
Differential output delay time
RL = 54 Ω
CL = 50 pF,
8
31
8
25
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
CL = 50 pF,
12
12
ns
tsk(p)
Pulse skew ( | td(ODH) − td(ODL) |)
See Figure 3
6
0
6
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
65
35
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
65
35
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
105
60
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
105
35
ns
† All typical values are at VCC = 5 V, TA = 25°C.
SYMBOL EQUIVALENTS
DATA SHEET PARAMETER
RS-485
VO
Voa, Vob
| VOD1 |
Vo
| VOD2 |
Vt (RL = 54 Ω)
| VOD3 |
Vt (test termination
measurement 2)
∆ | VOD |
|| Vt | − | Vt ||
VOC
| Vos |
∆ | VOC |
| Vos − Vos |
IOS
None
IO
Iia, Iib


Similar Part No. - SN65LBC176QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC176QDR TI-SN65LBC176QDR Datasheet
455Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDR TI-SN65LBC176QDR Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDR TI1-SN65LBC176QDR Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDRG4 TI1-SN65LBC176QDRG4 Datasheet
1,007Kb / 26P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176QDRG4Q1 TI1-SN65LBC176QDRG4Q1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC176QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com