Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9753AXNAEYYX Datasheet(PDF) 10 Page - Integrated Device Technology

Part # STAC9753AXNAEYYX
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9753AXNAEYYX Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9753AXNAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 13Page - Integrated Device Technology STAC9753AXNAEYYX Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
10
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
2. CHARACTERISTICS AND SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9752A/9753A. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any
other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
±5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260
oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 101.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Analog - 3.3 V
3.135
3.3
3.465
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9752A/9753A is an ESD (electrostatic discharge) sensitive device. The human body and test
equipment can accumulate and discharge electrostatic charges up to 4000 Volts without detection. Even though
the STAC9752A/9753A implements internal ESD protection circuitry, proper ESD precautions should be
followed to avoid damaging the functionality or performance.


Similar Part No. - STAC9753AXNAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9753XXTAEYYX IDT-STAC9753XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

Similar Description - STAC9753AXNAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9758 IDT-STAC9758 Datasheet
503Kb / 119P
   HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
logo
Integrated Device Techn...
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
   Universal Serial Bus (USB) Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com