Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LBC176 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN55LBC176
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LBC176 Datasheet(HTML) 5 Page - Texas Instruments

  SN55LBC176_07 Datasheet HTML 1Page - Texas Instruments SN55LBC176_07 Datasheet HTML 2Page - Texas Instruments SN55LBC176_07 Datasheet HTML 3Page - Texas Instruments SN55LBC176_07 Datasheet HTML 4Page - Texas Instruments SN55LBC176_07 Datasheet HTML 5Page - Texas Instruments SN55LBC176_07 Datasheet HTML 6Page - Texas Instruments SN55LBC176_07 Datasheet HTML 7Page - Texas Instruments SN55LBC176_07 Datasheet HTML 8Page - Texas Instruments SN55LBC176_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN55LBC176, SN65LBC176, SN65LBC176Q, SN75LBC176
DIFFERENTIAL BUS TRANSCEIVERS
SLLS067G − AUGUST 1990 − REVISED APRIL 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
−1.5
V
VO
Output voltage
IO = 0
0
6
V
| VOD1 |
Differential output voltage
IO = 0
1.5
6
V
55LBC176,
| VOD2 |
Differential output voltage
RL = 54 Ω,
See Figure 1,
55LBC176,
65LBC176,
1.1
V
| VOD2 |
Differential output voltage
RL = 54 Ω,
See Note 3
See Figure 1,
65LBC176,
65LBC176Q
1.1
V
OD2
See Note 3
75LBC176
1.5
5
V
= − 7 V to 12 V,
See Figure 2,
55LCB176,
65LCB176,
1.1
VOD3
Differential output voltage
Vtest = − 7 V to 12 V,
See Note 3
See Figure 2,
65LCB176,
65LBC176Q
1.1
V
OD3
See Note 3
75LBC176
1.5
5
∆| VOD |
Change in magnitude of differential
output voltage †
−0.2
0.2
V
VOC
Common-mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
−1
3
V
∆| VOC |
Change in magnitude of
common-mode output voltage†
RL = 54 Ω or 100 Ω,
See Figure 1
−0.2
0.2
V
IO
Output current
Output disabled,
VO = 12 V
1
mA
IO
Output current
Output disabled,
See Note 4
VO = − 7 V
−0.8
mA
IIH
High-level input current
VI = 2.4 V
−100
µA
IIL
Low-level input current
VI = 0.4 V
−100
µA
VO = − 7 V
−250
IOS
Short-circuit output current
VO = 0
−150
mA
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 12 V
250
Receiver disabled
55LBC176,
65LBC176Q
1.75
ICC
Supply current
VI = 0 or VCC,
Receiver disabled
and driver enabled
65LBC176,
75LBC176
1.5
mA
ICC
Supply current
VI = 0 or VCC,
No load
Receiver and driver
55LBC176,
65LBC176Q
0.25
mA
Receiver and driver
disabled
65LBC176,
75LBC176
0.2
† ∆ | VOD | and ∆ | VOC | are the changes in magnitude of VOD and VOC, respectively, that occur when the input changes from a high level to a
low level.
NOTES:
3. This device meets the VOD requirements of TIA/EIA−485−A above 0°C only.
4. This applies for both power on and off; refer to TIA/EIA−485−A for exact conditions.


Similar Part No. - SN55LBC176_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN55LBC176_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN75076B TI1-SN75076B Datasheet
157Kb / 10P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com