Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200X3NAE Datasheet(PDF) 91 Page - Integrated Device Technology

Part # STAC9200X3NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200X3NAE Datasheet(HTML) 91 Page - Integrated Device Technology

Back Button STAC9200X3NAE Datasheet HTML 87Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 88Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 89Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 90Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 91Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 92Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 93Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 94Page - Integrated Device Technology STAC9200X3NAE Datasheet HTML 95Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
91
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.16.7. PortDPin Sense
Table 203. PortDPin UnsolResp Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd2
R
0x00
Reserved
[7]
En
RW
0x0
Allow generation of Unsolicited Responses. Unsolicited
response events occur upon jack-insertion OR completion
of a Jack-Sense cycle.
[6]
Rsvd1
R
0x0
Reserved
[5.:0]
Tag
RW
0x00
Software programmable field returned in top six bits (31:26)
of every Unsolicited Response generated by this node.
Table 204. PortDPin Sense Command Verb Format
Verb ID
Payload
Response
Get
F09
00
See bitfield table
Set1
709
See bits [7:0] of bitfield table
0000_0000h
Set2
709
See bits [15:8] of bitfield table
0000_0000h
Table 205. PortDPin Sense Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Present
R
0x0
1= something is plugged into jack associated
with Pin Complex.
[30.:0]
Impedance
R
0x7FFF_FFFF
Measured impedance of the widget. A value of
all 1's indicates that a valid sense reading is not
available, or the sense measurement is busy if
it has been recently triggered. Overlaps
RightCh.
[0]
RightCh
W
0x0
Set 1= perform impedance sensing on right
channel or ring of the connector
[0]
LeftCh
W
0x0
Set 0= perform impedance sensing on left
channel or tip of the connector


Similar Part No. - STAC9200X3NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200X3NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com