Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C150-20LM Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C150-20LM
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-20LM Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C150-20LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-20LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P4C150
Page 5 of 11
Document # SRAM105 REV A
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(10)
12. Write Cycle Time is measured from the last valid address to the first
transition address.
Notes:
10. CS and WE must be LOW for WRITE cycle.
11. If CS goes HIGH simultaneously with WE high, the output remains
in a high impedance state.
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CS
CS
CS
CS
CS CONTROLLED)(10)
Sym.
t
WC
t
CW
t
AW
t
AS
t
WP
t
AH
t
DW
t
DH
t
WZ
t
OW
Parameter
Chip Enable Time to End of Write
Address Valid to End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time from
End of Write
Data Valid to End of Write
Data Hold Time
Write Enable to Output in High Z
Output Active from End of Write
-10
Min
10
8
8
0
8
0
5
0
2
Max
5
-12
Min
12
10
10
1
10
1
8
1
2
Max
8
-15
Min
15
11
13
1
11
1
11
1
2
Max
12
-20
Min
20
13
16
1
13
1
13
1
3
Max
15
-25
Min
25
15
20
2
15
2
15
2
3
Max
20
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
-35
Min
35
20
25
2
20
2
20
2
3
Max
25
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write Cycle Time


Similar Part No. - P4C150-20LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-20LM ETC1-P4C150-20LM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-20LMB ETC1-P4C150-20LMB Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-20LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com