Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200X3TAE Datasheet(PDF) 89 Page - Integrated Device Technology

Part # STAC9200X3TAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200X3TAE Datasheet(HTML) 89 Page - Integrated Device Technology

Back Button STAC9200X3TAE Datasheet HTML 85Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 86Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 87Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 88Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 89Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 90Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 91Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 92Page - Integrated Device Technology STAC9200X3TAE Datasheet HTML 93Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
89
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.16.3. PortDPin ConnLen
5.16.4. PortDPin ConnLst
[5]
InCap
R
0x1
Pin complex is input capable.
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HPhnDrvCap
R
0x1
Pin complex has headphone amplifier.
[2]
PresDtctCap
R
0x1
Pin complex can perform Presence Detect.
[1]
TrigRqd
R
0x1
Trigger is required for impedance measurement
[0]
ImpSenseCap
R
0x1
Pin complex supports impedance sense.
Table 196. PortDPin ConnLen Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 197. PortDPin ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
N
R
0x01
Number of NID entries in connection list.
Table 198. PortDPin ConnLst Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 195. PortDPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Similar Part No. - STAC9200X3TAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200X3TAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com