Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200D3NAE Datasheet(PDF) 65 Page - Integrated Device Technology

Part # STAC9200D3NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D3NAE Datasheet(HTML) 65 Page - Integrated Device Technology

Back Button STAC9200D3NAE Datasheet HTML 61Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 62Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 63Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 64Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 65Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 66Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 67Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 68Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 69Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
65
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.10.7. DigInPin EAPD
5.10.8. DigInPin Config
Table 117. DigInPin Sense Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Present
R
0x0
1= something is plugged into jack associated
with Pin Complex. For this widget, Presence
Detect indicates that the SPDIF-in clock
recovery circuit has locked onto a valid
SPDIF-in sampling frequency. Any change in
status will generate an Unsolicited Response, if
enabled with verb 708.
[30.:0]
Rsvd
R
0x0
Reserved. Impedance sense not supported for
this Pin Complex.
Table 118. DigInPin EAPD Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table
Set1
70C
See bits [7:0] of bitfield table
0000_0000h
Table 119. DigInPin EAPD Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:2]
Rsvd2
R
0x0
Reserved
[1]
Data
RW
0x0
EAPD value reflected on the EAPD pin.
0= power down external amp;
1= power up external amp if PwrState < 0x2.
If PwrState >= 0x2, Pin47 is Hi-Z. An external
pull-down is required if EAPD must be low
when Pin Widget is powered down.
[0]
Rsvd1
R
0x0
Reserved
Table 120. DigInPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h


Similar Part No. - STAC9200D3NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200D3NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com