Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200D3NAE Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9200D3NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D3NAE Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9200D3NAE Datasheet HTML 31Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 32Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 33Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 34Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 35Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 36Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 37Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 38Page - Integrated Device Technology STAC9200D3NAE Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
35
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.4.14. AFG GPIODir
5.4.15. AFG GPIOWake
Table 36. AFG GPIODir Command Verb Format
Verb ID
Payload
Response
Get
F17
00
See bitfield table
Set1
717
See bits [7:0] of bitfield table
0000_0000h
Table 37. AFG GPIODir Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3]
Control3
RW
0x0
Direction control for GPIO3
0= GPIO signal is configured as input
1= GPIO signal is configured as output
[2]
Control2
RW
0x0
Direction control for GPIO2
0= GPIO signal is configured as input
1= GPIO signal is configured as output
[1]
Control1
RW
0x0
Direction control for GPIO1
0= GPIO signal is configured as input
1= GPIO signal is configured as output
[0]
Control0
RW
0x0
Direction control for GPIO0
0= GPIO signal is configured as input
1= GPIO signal is configured as output
Table 38. AFG GPIOWake Command Verb Format
Verb ID
Payload
Response
Get
F18
00
See bitfield table
Set1
718
See bits [7:0] of bitfield table
0000_0000h


Similar Part No. - STAC9200D3NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200D3NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com