Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200X5NAE Datasheet(PDF) 36 Page - Integrated Device Technology

Part # STAC9200X5NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200X5NAE Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button STAC9200X5NAE Datasheet HTML 32Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 33Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 34Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 35Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 36Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 37Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 38Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 39Page - Integrated Device Technology STAC9200X5NAE Datasheet HTML 40Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
36
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.4.16. AFG GPIOUnsolEn
Table 39. AFG GPIOWake Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3]
En3
RW
0x0
Wake enable for GPIO3:
0 = wake-up event is disabled;
1= when Azalia link is powered down (RST# is
asserted), a wake-up event will trigger a Status
Change Request event on the link.
[2]
En2
RW
0x0
Wake enable for GPIO2:
0 = wake-up event is disabled;
1= when Azalia link is powered down (RST# is
asserted), a wake-up event will trigger a Status
Change Request event on the link.
[1]
En1
RW
0x0
Wake enable for GPIO1:
0 = wake-up event is disabled;
1= when Azalia link is powered down (RST# is
asserted), a wake-up event will trigger a Status
Change Request event on the link.
[0]
En0
RW
0x0
Wake enable for GPIO0:
0 = wake-up event is disabled;
1= when Azalia link is powered down (RST# is
asserted), a wake-up event will trigger a Status
Change Request event on the link.
Table 40. AFG GPIOUnsolEn Command Verb Format
Verb ID
Payload
Response
Get
F19
00
See bitfield table
Set1
719
See bits [7:0] of bitfield table
0000_0000h
Table 41. AFG GPIOUnsolEn Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3]
Mask3
RW
0x0
Unsolicited enable mask for GPIO3. If set, and the
Unsolicited Response control for this widget has been
enabled, an unsolicited response will be sent when
GPIO3 is configured as input and changes state.


Similar Part No. - STAC9200X5NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200X5NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com