Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200D5NAE Datasheet(PDF) 97 Page - Integrated Device Technology

Part # STAC9200D5NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D5NAE Datasheet(HTML) 97 Page - Integrated Device Technology

Back Button STAC9200D5NAE Datasheet HTML 93Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 94Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 95Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 96Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 97Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 98Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 99Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 100Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 101Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
97
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.17.8. PortCPin Config
[0]
RightCh
W
0x0
Set 1= perform impedance sensing on right
channel or ring of the connector
[0]
LeftCh
W
0x0
Set 0= perform impedance sensing on left
channel or tip of the connector
Table 222. PortCPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h
Set2
71D
See bits [15:8] of bitfield table
0000_0000h
Set3
71E
See bits [23:16] of bitfield table
0000_0000h
Set4
71F
See bits [31:24] of bitfield table
0000_0000h
Table 223. PortCPin Config Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:30]
Port
RW
0x0
External Port Connectivity of the Pin Complex.
0 = Port Complex is connected to a jack
[29.:24]
Location
RW
0x01
Physical location of the jack.
03h = Mainboard, Rear
[23.:20]
Device
RW
0x8
Default Device, indicating intended use of jack.
8 = Line In
[19.:16]
Connection
RW
0x1
Connection Type. 1 = 1/8 inch jack
[15.:12]
Color
RW
0x3
Color of physical jack. 3 = Blue
[11.:8]
Misc
RW
0x0
Misc[0] = Jack Detect override.
Table 221. PortCPin Sense Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Similar Part No. - STAC9200D5NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200D5NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com