Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9200D5NAE Datasheet(PDF) 68 Page - Integrated Device Technology

Part # STAC9200D5NAE
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200D5NAE Datasheet(HTML) 68 Page - Integrated Device Technology

Back Button STAC9200D5NAE Datasheet HTML 64Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 65Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 66Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 67Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 68Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 69Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 70Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 71Page - Integrated Device Technology STAC9200D5NAE Datasheet HTML 72Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
68
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
5.11.3. DigOutPin ConnLen
Table 125. DigOutPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:17]
Rsvd2
R
0x0
Reserved
[16]
EapdCap
R
0x0
This widget does not control EAPD pin
[15.:8]
VRefCntrl
R
0x00
VRef generation N/A since pin complex is not input capable.
[7]
Rsvd1
R
0x0
Reserved
[6]
BalancedIO
R
0x0
Pin complex does not have balanced pins.
[5]
InCap
R
0x0
Pin complex is not input capable.
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HPhnDrvCap
R
0x0
Pin does not have a headphone amplifier.
[2]
PresDtctCap
R
0x0
Pin complex cannot perform Presence Detect.
[1]
TrigRqd
R
0x0
N/A
[0]
ImpSenseCap
R
0x0
Pin complex does not support impedance sense.
Table 126. DigOutPin ConnLen Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 127. DigOutPin ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
N
R
0x02
Number of NID entries in connection list.


Similar Part No. - STAC9200D5NAE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
More results

Similar Description - STAC9200D5NAE

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com