Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0830AV-167BBC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C0830AV-167BBC
Description  FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0830AV-167BBC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C0830AV-167BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 9Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 10Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 11Page - Cypress Semiconductor CY7C0830AV-167BBC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CY7C0837AV
CY7C0830AV/CY7C0831AV
CY7C0832AV/CY7C0833AV
Document #: 38-06059 Rev. *Q
Page 8 of 28
Retransmit
Retransmit is a feature that allows the Read of a block of
memory more than once without the need to reload the initial
address. This eliminates the need for external logic to store
and route data. It also reduces the complexity of the system
design and saves board space. An internal “mirror register” is
used to store the initially loaded address counter value. When
the counter unmasked portion reaches its maximum value set
by the mask register, it wraps back to the initial value stored in
this “mirror register.” If the counter is continuously configured
in increment mode, it increments again to its maximum value
and wraps back to the value initially stored into the “mirror
register.” Thus, the repeated access of the same data is
allowed without the need for any external logic.
Mask Reset Operation
The mask register is reset to all “1s,” which unmasks every bit
of the counter. Master reset (MRST) also resets the mask
register to all “1s.”
Mask Load Operation
The mask register is loaded with the address value presented
at the address lines. Not all values permit correct increment
operations. Permitted values are of the form 2n – 1 or 2n – 2.
From the most significant bit to the least significant bit,
permitted values have zero or more “0s,” one or more “1s,” or
one “0.” Thus 3FFFF, 003FE, and 00001 are permitted values,
but 3F0FF, 003FC, and 00000 are not.
Mask Readback Operation
The internal value of the mask register can be read out on the
address lines. Readback is pipelined; the address will be valid
tCM2 after the next rising edge of the port’s clock. If mask
readback occurs while the port is enabled (CE0 LOW and CE1
HIGH), the data lines (DQs) will be three-stated. Figure 1
shows a block diagram of the operation.
Counting by Two
When the least significant bit of the mask register is “0,” the
counter increments by two. This may be used to connect the
x18 devices as a 36-bit single port SRAM in which the counter
of one port counts even addresses and the counter of the other
port counts odd addresses. This even-odd address scheme
stores one half of the 36-bit data in even memory locations,
and the other half in odd memory locations.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C0830AV-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0830AV-167BBC CYPRESS-CY7C0830AV-167BBC Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0830AV-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com