Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C163-35FCLF Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C163-35FCLF
Description  ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C163-35FCLF Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C163-35FCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C163-35FCLF Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P4C163/163L
Page 8 of 12
Document # SRAM120 REV C
SELECTION GUIDE
The P4C163/L is available in the following temperature, speed and package options. The P4C163L is
only available over the military temperature range.
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not available
ORDERING INFORMATION
25
35
45
Plastic DIP
-25PC
-35PC
N/A
Plastic SOJ
-25JC
-35JC
N/A
Side Brazed DIP
-25CM
-35CM
-45CM
LCC
-25LM
-35LM
-45LM
CERPACK
-25FM
-35FM
-45FM
Side Brazed DIP
-25CMB
-35CMB
-45CMB
LCC
-25LMB
-35LMB
-45LMB
CERPACK
-25FMB
-35FMB
-45FMB
Military
Processed*
Miliitary
Temperature
Speed
Temperature
Range
Package
Commercial


Similar Part No. - P4C163-35FCLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CCLF PYRAMID-P4C164-10CCLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CILF PYRAMID-P4C164-10CILF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMBLF PYRAMID-P4C164-10CMBLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMLF PYRAMID-P4C164-10CMLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C163-35FCLF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com