Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C150-20FM Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C150-20FM
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-20FM Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C150-20FM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C150-20FM Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C150
Page 6 of 11
Document # SRAM105 REV A
Mode
CS
CS
CS
CS
CS
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Not Selected
RESET
Output Disabled
READ
WRITE
RS
RS
RS
RS
RS
X
L
H
H
H
H
L
L
L
L
OE
OE
OE
OE
OE
X
X
H
L
X
TRUTH TABLE
WE
WE
WE
WE
WE
X
H
H
H
L
Output
High Z
High Z
High Z
D
OUT
High Z
Note:
Due to the ultra-high speed of the P4C150, care must be taken when testing
this device; an inadequate setup can cause a normal functioning part to be
rejected as faulty. Long high-inductance leads that cause supply bounce
must be avoided by bringing the V
CC and ground planes directly up to the
contactor fingers. A 0.01 µF high frequency capacitor is also required
between V
CC and ground. To avoid signal reflections, proper termination
must be used; for example, a 50
Ω test environment should be terminated
into a 50
Ω loadwith1.73V(TheveninVoltage)atthecomparatorinput,and
a 116
Ω resistormustbeusedinserieswithD
OUT to match 166Ω (Thevenin
Resistance).


Similar Part No. - P4C150-20FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-20FM ETC1-P4C150-20FM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-20FMB ETC1-P4C150-20FMB Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-20FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com