Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74SSTU32865 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74SSTU32865
Description  28-BIT 1:2 REGISTERED BUFFER WITH PARITY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32865 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT74SSTU32865 Datasheet HTML 2Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 3Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 9Page - Integrated Device Technology IDT74SSTU32865 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT74SSTU32865
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
PARITY AND STANDBY FUNCTION TABLE(1)
Inputs
Output
RESET
DCS0
DCS1
CLK
CLK
ΣΣΣΣΣ of Inputs = H (D0 - D21)
PARIN(2)
PYTERR(3)
HL
H
↑↓
Even
L
H
HL
H
↑↓
Odd
L
L
HL
H
↑↓
Even
H
L
HL
H
↑↓
Odd
H
H
HH
L
↑↓
Even
L
H
HH
L
↑↓
Odd
L
L
HH
L
↑↓
Even
H
L
HH
L
↑↓
Odd
H
H
HHH
↑↓
XX
PYTERR
0
(4)
H
X
X
L or H
L or H
X
X
PYTERR
0
(4)
L
XorFloating
XorFloating
XorFloating
XorFloating
XorFloating
XorFloating
H
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
↑ = LOW to HIGH
↓ = HIGH to LOW
2. PARIN arrives one clock cycle after the data to which it applies
3. This transition assumes PTYERR is HIGH at the crossing of CLK going HIGH and CLK going LOW. If PTYERR is LOW, it stays latched LOW for two clock cycles, or until
RESET is driven LOW.
4. Output level before the indicated steady-state conditions were established.


Similar Part No. - IDT74SSTU32865

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32865 RENESAS-IDT74SSTU32865 Datasheet
424Kb / 16P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
APRIL 2005
More results

Similar Description - IDT74SSTU32865

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32865A IDT-IDT74SSTUBF32865A Datasheet
422Kb / 17P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
Renesas Technology Corp
IDT74SSTUBF32865A RENESAS-IDT74SSTUBF32865A Datasheet
600Kb / 17P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
2019
IDT74SSTU32865 RENESAS-IDT74SSTU32865 Datasheet
424Kb / 16P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
APRIL 2005
logo
Integrated Device Techn...
IDT74SSTU32D869 IDT-IDT74SSTU32D869 Datasheet
223Kb / 16P
   14-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
NXP Semiconductors
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
   1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com