Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0832AV-133AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C0832AV-133AI
Description  FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0832AV-133AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C0832AV-133AI Datasheet HTML 1Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 2Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 3Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 4Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 5Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 6Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 7Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 8Page - Cypress Semiconductor CY7C0832AV-133AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C0837AV
CY7C0830AV/CY7C0831AV
CY7C0832AV/CY7C0833AV
Document #: 38-06059 Rev. *Q
Page 5 of 28
Byte Select Operation
Pin Definitions
Left Port
Right Port
Description
A0L–A18L[1]
A0R–A18R[1]
Address Inputs.
ADSL[7]
ADSR[7]
Address Strobe Input. Used as an address qualifier. This signal should be asserted LOW
for the part using the externally supplied address on the address pins and for loading this
address into the burst address counter.
CE0L[7]
CE0R[7]
Active LOW Chip Enable Input.
CE1L[6]
CE1R[6]
Active HIGH Chip Enable Input.
CLKL
CLKR
Clock Signal. Maximum clock input rate is fMAX.
CNTENL[7]
CNTENR[7]
Counter Enable Input. Asserting this signal LOW increments the burst address counter of
its respective port on each rising edge of CLK. The increment is disabled if ADS or CNTRST
are asserted LOW.
CNTRSTL[6]
CNTRSTR[6]
Counter Reset Input. Asserting this signal LOW resets to zero the unmasked portion of
the burst address counter of its respective port. CNTRST is not disabled by asserting ADS
or CNTEN.
CNT/MSKL[6]
CNT/MSKR[6]
Address Counter Mask Register Enable Input. Asserting this signal LOW enables access
to the mask register. When tied HIGH, the mask register is not accessible and the address
counter operations are enabled based on the status of the counter control signals.
DQ0L–DQ17L[1] DQ0R–DQ17R[1] Data Bus Input/Output.
OEL
OER
Output Enable Input. This asynchronous signal must be asserted LOW to enable the DQ
data pins during Read operations.
INTLINTR
Mailbox Interrupt Flag Output. The mailbox permits communications between ports. The
upper two memory locations can be used for message passing. INTL is asserted LOW when
the right port writes to the mailbox location of the left port, and vice versa. An interrupt to a
port is deasserted HIGH when it reads the contents of its mailbox.
CNTINTL[8]
CNTINTR[8]
Counter Interrupt Output. This pin is asserted LOW when the unmasked portion of the
counter is incremented to all “1s.”
R/WL
R/WR
Read/Write Enable Input. Assert this pin LOW to write to, or HIGH to Read from the dual
port memory array.
B0L–B1L
B0R–B1R
Byte Select Inputs. Asserting these signals enables Read and Write operations to the
corresponding bytes of the memory array.
MRST
Master Reset Input. MRST is an asynchronous input signal and affects both ports.
Asserting MRST LOW performs all of the reset functions as described in the text. A MRST
operation is required at power-up.
TMS
JTAG Test Mode Select Input. It controls the advance of JTAG TAP state machine. State
machine transitions occur on the rising edge of TCK.
TDI
JTAG Test Data Input. Data on the TDI input will be shifted serially into selected registers.
TCK
JTAG Test Clock Input.
TDO
JTAG Test Data Output. TDO transitions occur on the falling edge of TCK. TDO is normally
three-stated except when captured data is shifted out of the JTAG TAP.
VSS
Ground Inputs.
VDD
Power Inputs.
Control Pin
Effect
B0
DQ0–8 Byte Control
B1
DQ9–17 Byte Control
[+] Feedback
[+] Feedback


Similar Part No. - CY7C0832AV-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0832AV-133AC CYPRESS-CY7C0832AV-133AC Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0832AV-133AXC CYPRESS-CY7C0832AV-133AXC Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0832AV-133AXI CYPRESS-CY7C0832AV-133AXI Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0832AV-133AXI CYPRESS-CY7C0832AV-133AXI Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0832AV-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com