Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-12AXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1011CV33-12AXI
Description  2-Mbit (128K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-12AXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1011CV33-12AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1011CV33-12AXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY7C1011CV33
Document #: 38-05232 Rev. *E
Page 11 of 11
Document History Page
Document Title: CY7C1011CV33, 2-Mbit (128K x 16) Static RAM
Document Number: 38-05232
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
117132
07/31/02
HGK
New Data Sheet
*A
118057
08/19/02
HGK
Pin configuration for 48-ball FBGA correction
*B
119702
10/11/02
DFP
Updated FBGA to VFBGA; updated package code on page 8 to BV48A.
Updated address pinouts on page 1 to A0 to A16. Updated CMOS standby
current on page 1 from 8 to 10 mA
*C
386106
See ECN
PCI
Added lead-free parts in Ordering Information Table
*D
498501
See ECN
NXR
Corrected typo in the Logic Block Diagram on page# 1
Incuded the Maximum Ratings for Static Discharge Voltage and Latch up
Current on page# 3
Changed the description of IIX from Input Load Current to
Input Leakage Current in DC Electrical Characteristics table
Updated the Ordering Information Table
*E
522620
See ECN
VKN
Added Thermal Resistance Table
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
461Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-12AXI CYPRESS-CY7C1011CV33-12AXI Datasheet
525Kb / 17P
   2-Mbit (128 K 횞 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results

Similar Description - CY7C1011CV33-12AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com