Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C291A-35DMB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C291A-35DMB
Description  2K x 8 Reprogrammable PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A-35DMB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C291A-35DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 9Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 10Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 11Page - Cypress Semiconductor CY7C291A-35DMB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C291A
Document #: 38-04011 Rev. *B
Page 8 of 13
MILITARY SPECIFICATIONS
Group A Subgroup Testing
Ordering Information
Speed
(ns)
ICC
(mA)
Ordering Code
Package
Name
Package Type
Operating
Range
20
120
CY7C291A-20PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
25
90
CY7C291A-25JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291A-25PC
P13
24-Lead (300-Mil) Molded DIP
35
60
CY7C291AL-35JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291AL-35PC
P13
24-Lead (300-Mil) Molded DIP
CY7C291AL-35WC
W14
24-Lead (300-Mil) Windowed CerDIP
90
CY7C291A-35JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C291A-35PC
P13
24-Lead (300-Mil) Molded DIP
CY7C291A-35WC
W14
24-Lead (300-Mil) Windowed CerDIP
120
CY7C291A-35DMB
D14
24-Lead (300-Mil) CerDIP
Military
50
90
CY7C291A-50PC
P13
24-Lead (300-Mil) Molded DIP
Commercial
CY7C291A-50WMB
W14
24-Lead (300-Mil) Windowed CerDIP
Military
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tAA
7, 8, 9, 10, 11
tACS1
7, 8, 9, 10, 11
SMD Cross Reference
SMD
Number
Suffix
Cypress
Number
5962-87650
01LX
CY7C291-50WMB
5962-87650
03LX
CY7C291-35WMB
5962-88734
023X
CY7C291A-35LMB
5962-88734
033X
CY7C291A-35LMB
5962-88734
04LX
CY7C291A-25DMB
5962-88734
043X
CY7C291A-25LMB
[+] Feedback
[+] Feedback


Similar Part No. - CY7C291A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-35DMB CYPRESS-CY7C291A-35DMB Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-35DMB CYPRESS-CY7C291A-35DMB Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
More results

Similar Description - CY7C291A-35DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com