Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C263-25WC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C263-25WC
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C263-25WC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C263-25WC Datasheet HTML 3Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 4Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 5Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 6Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 7Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 8Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 9Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 10Page - Cypress Semiconductor CY7C263-25WC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. *C
Page 7 of 14
Typical DC and AC Characteristics
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.4
1.6
1.0
0.8
4.0
4.5
5.0
5.5
6.0
–55
25
125
1.2
1.1
1.2
1.0
0.8
0.6
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
(°C)
SUPPLY VOLTAGE (V)
NORMALIZED
ACCESS TIME
vs. SUPPLY VOLTAGE
0.6
1.2
1.6
1.4
1.2
1.0
0.8
–55
125
AMBIENT TEMPERATURE (
°C)
NORMALIZED ACCESS TIME
vs. TEMPERATURE
150
175
125
75
50
25
0.0
1.0
2.0
3.0
0
100
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
1.0
0.9
0.8
VCC = 5.0V
TA = 25°C
TA = 25°C
0.6
0.4
60
50
40
30
20
10
01.0
2.0
3.0
OUTPUT VOLTAGE (V)
30
25
20
15
10
5
0
200
400
600
800
CAPACITANCE (pF)
4.0
1000
VCC = 4.5V
TA = 25°C
TA = 25°C
f= fMAX
25
0
OUTPUT SOURCE CURRENT
vs. VOLTAGE
4.0
1.00
1.05
0.95
0.85
0.80
0.75
025
50
75
100
0.70
0.90
NORMALIZED SUPPLY CURRENT
vs. CYCLE PERIOD
CYCLE PERIOD (ns)
VCC = 5.5V
TA = 25°C
0
35
[+] Feedback
[+] Feedback


Similar Part No. - CY7C263-25WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C263-25WC CYPRESS-CY7C263-25WC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-25WC CYPRESS-CY7C263-25WC Datasheet
481Kb / 16P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C263-25WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-45DMB CYPRESS-CY7C263-45DMB Datasheet
481Kb / 16P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com