Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C163-25CM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C163-25CM
Description  ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C163-25CM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C163-25CM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C163-25CM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P4C163/163L
Page 2 of 12
Document # SRAM120 REV C
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Ambient
Temperature
Commercial
0°C to +70°C
0V
5.0V ± 10%
Grade(2)
GND
V
CC
Grade(2)
GND
V
CC
Ambient
Temperature
Military
–55 to +125°C
0V
5.0V ± 10%
RECOMMENDED OPERATING TEMPERATURE AND SUPPLY VOLTAGE
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
P4C163
P4C163L
Min
Max
Min
Max
V
IH
Input High Voltage
2.2
V
CC+0.5
2.2
V
CC+0.5
V
V
IL
Input Low Voltage
–0.5(3)
0.8
–0.5(3)
0.8
V
V
HC
CMOS Input High Voltage
V
CC–0.2
V
CC+0.5
V
CC–0.2
V
CC+0.5
V
V
LC
CMOS Input Low Voltage
–0.5(3)
0.2
–0.5(3)
0.2
V
V
CD
Input Clamp Diode Voltage
V
CC = Min., IIN = –18 mA
–1.2
–1.2
V
V
OL
Output Low Voltage
I
OL = +8 mA, VCC = Min.
0.4
0.4
V
(TTL Load)
V
OLC
Output Low Voltage
I
OLC = +100 µA, VCC = Min.
0.2
0.2
V
(CMOS Load)
V
OH
Output High Voltage
I
OH = –4 mA, VCC = Min.
2.4
2.4
V
(TTL Load)
V
OHC
Output High Voltage
I
OHC = –100 µA, VCC = Min.
V
CC–0.2
V
CC–0.2
V
(CMOS Load)
I
LI
Input Leakage Current
V
CC = Max.
Mil.
–10
+10
–5
+5
µA
V
IN = GND to VCC
Com’l.
–5
+5
N/A
N/A
I
LO
Output Leakage Current
V
CC = Max., CE = VIH,
Mil.
–10
+10
–5
+5
µA
V
OUT= GND to VCC
Com’l.
–5
+5
N/A
N/A
Symbol
Parameter
Test Conditions
Unit
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Symbol
Parameter
Conditions Typ. Unit
C
OUT
Output Capacitance
V
OUT = 0V
7
pF
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.


Similar Part No. - P4C163-25CM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CCLF PYRAMID-P4C164-10CCLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CILF PYRAMID-P4C164-10CILF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMBLF PYRAMID-P4C164-10CMBLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMLF PYRAMID-P4C164-10CMLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C163-25CM

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com