Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C150-10FC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C150-10FC
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-10FC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C150-10FC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-10FC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P4C150
Page 4 of 11
Document # SRAM105 REV A
Min Max
-12
TIMING WAVEFORM OF READ CYCLE NO. 3 (OE
OE
OE
OE
OE Controlled)(5)
AC CHARACTERISTICS—RESET CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
-10
-15
-20
-25
-35
Min Max
Min Max
Min Max
Min Max
Min Max
Write Enable High to
Beginning of Reset
Chip Select Low to
Beginning of Reset
Reset Pulse Width
Chip Select Hold
after End of Reset
Write Enable Hold
after End of Reset
Reset High to
Output in Low Z
Reset Low to
Output in High Z
Reset Cycle Time
t
RRC
t
WER
t
CR
t
RP
t
HWR
t
RHZ
t
RLZ
20
0
0
10
0
10
24
0
0
12
12
30
0
0
15
0
15
0
0
40
0
0
20
0
20
0
50
0
25
0
25
0
70
0
30
0
35
0
Unit
ns
ns
ns
ns
ns
00
ns
t
HCR
ns
00
0
8
0
10
0
12
0
16
0
20
0
ns
TIMING WAVEFORM OF RESET CYCLE


Similar Part No. - P4C150-10FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-10FC ETC1-P4C150-10FC Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-10FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com