Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA5669.20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OA5669.20
Description  Safety relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OA5669.20 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OA5669.20 Datasheet HTML 1Page - List of Unclassifed Manufacturers OA5669.20 Datasheet HTML 2Page - List of Unclassifed Manufacturers OA5669.20 Datasheet HTML 3Page - List of Unclassifed Manufacturers OA5669.20 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E. DOLD & SÖHNE KG • D-78114 Furtwangen
Postf. 1251 • Tel. (07723) 6540 • Fax (07723) 654356 • e-mail dold-relays@t-online.de • internet http: //www.dold.com
Accessories
Dimensions, pin configuration, connection diagrams
34
20,1
2x5
1 x 0,5
7,5
max. 13
max. 31,5
Socket
ET 1415.021 ANR 0034 769
Fixing clip ET 1415.025 ANR 0034 770 Wire
Fixing clip ET 1415.026 ANR 0047 726 Plastic
Connection for basic grid divensions 2,5 mm as well as 2,54 mm according to IEC/EN 60 097 and IEC 60 326 average
Relay socket ET 1415.041 ANR 0055571
with fixing clip WN 1415.902.790
Function modul ET 1415.911 ANR 0055909
- DC, with free-wheeling diode and red LED
Function modul ET 1415.912 ANR 0055910
- AC/DC with green LED
Relay
socket
Fixing clip
Function modul


Similar Part No. - OA5669.20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5611 ETC-OA5611 Datasheet
432Kb / 6P
   Relais de SECURITE
OA5612 ETC-OA5612 Datasheet
432Kb / 6P
   Relais de SECURITE
More results

Similar Description - OA5669.20

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
   SAFETY RELAY
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
   Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
   Safety Relay SR6
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
   Safety Relay Unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com