Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OD125 Datasheet(PDF) 2 Page - OKI electronic componets

Part No. OD125
Description  InGaAs PIN Photodiode for Optical Communications
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

OD125 Datasheet(HTML) 2 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
PHOTOSENSORS
OD125
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL AND OPTICAL CHARACTERISTICS
Supply Voltage
Storage Temperature
Operating Temperature
Parameter
Symbol
Rating
Unit
VCC
Topr
Tstg
8
–30 to +80
–40 to +100
V
°C
°C
Test Condition
Ta=25°C
Output Bias Voltage
Output Noise Level
Cutoff Frequency
Photosensitivity
Parameter
Symbol
Test Condition
Unit
VB
R
fC
VCC=5 V, Pin=0
l=1.3 mm, Pin=–20 dBm
VCC=5 V, –3 dB from peak value
f=32 MHz, Band width 3.1 kHz
V
kV/W
MHz
dBm
(Ambient Temperature Ta=25°C)
Min.
1.45
Typ.
Max.
25
35
1.65
1.85
–85
Supply Current
ICC
VCC=5 V, Pin=0
mA
—9
TYPICAL CHARACTERISTICS
Cutoff Frequency vs. Ambient Temperature
Ambient Temperature Ta (°C)
100
90
80
70
60
50
–20
0
20
40
60
80
100
40


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn