Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C187-35VXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C187-35VXC
Description  64K x 1 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C187-35VXC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C187-35VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C187-35VXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C187
Document #: 38-05044 Rev. *A
Page 7 of 9
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package
Type
Operating
Range
15
CY7C187-15PXC
51-85012
22-pin (300-Mil) Molded DIP (Pb-free)
Commercial
25
CY7C187-25PC
51-85012
22-pin (300-Mil) Molded DIP
Commercial
CY7C187-25VC
51-85030
24-pin (300-Mil) Molded SOJ
CY7C187-25VXC
24-pin (300-Mil) Molded SOJ (Pb-free)
35
CY7C187-35VXC
51-85030
24-pin (300-Mil) Molded SOJ (Pb-free)
Commercial
Package Diagrams
DIMENSIONS IN INCHES MIN.
MAX.
SEATING PLANE
1.070
1.120
0.250
0.270
0.030
0.065
0.140
0.190
0.090
0.110
0.055
0.065
0.015
0.020
0.015
0.060
0.120
0.140
0.009
0.012
0.310
0.385
0.280
0.325
0.115
0.160
3° MIN.
1
11
12
22
22-pin (300-Mil) PDIP (51-85012)
51-85012-*A
[+] Feedback
[+] Feedback


Similar Part No. - CY7C187-35VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187-35VC CYPRESS-CY7C187-35VC Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results

Similar Description - CY7C187-35VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com