Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C187-15PXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C187-15PXC
Description  64K x 1 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C187-15PXC Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C187-15PXC Datasheet HTML 1Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 2Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 3Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 4Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 5Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 6Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C187-15PXC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY7C187
Document #: 38-05044 Rev. *A
Page 8 of 9
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams (Continued)
DIMENSIONS IN INCHES[MM]
MIN.
MAX.
PIN 1 ID
0.291[7.39]
0.300[7.62]
0.050[1.27]
TYP.
0.007[0.17]
0.013[0.33]
0.013[0.33]
0.019[0.48]
0.330[8.38]
0.350[8.89]
0.120[3.05]
0.140[3.55]
0.025[0.63] MIN.
0.262[6.65]
0.272[6.91]
0.597[15.16]
0.613[15.57]
1
12
13
24
SEATING PLANE
0.004[0.10]
REFERENCE JEDEC MO-088
PART #
V24.3
STANDARD PKG.
VZ24.3
LEAD FREE PKG.
PACKAGE WEIGHT 0.75gms
24-pin (300-mil) SOJ (51-85030)
51-85030-*B
[+] Feedback
[+] Feedback


Similar Part No. - CY7C187-15PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187-15PC CYPRESS-CY7C187-15PC Datasheet
142Kb / 9P
   64K x 1 Static RAM
More results

Similar Description - CY7C187-15PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C187 CYPRESS-CY7C187 Datasheet
142Kb / 9P
   64K x 1 Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com