Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C185
Description  8K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C185_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 9Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 10Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 11Page - Cypress Semiconductor CY7C185_06 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CY7C185
Document #: 38-05043 Rev. *B
Page 12 of 12
Document History Page
Document Title: CY7C185 8K x 8 Static RAM
Document Number: 38-05043
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
107145
09/10/01
SZV
Change from Spec number: 38-00037 to 38-05043
*A
116470
09/16/02
CEA
Add applications foot note to data sheet
*B
486744
See ECN
NXR
Changed Low standby power from 220mW to 85mW
Changed the description of IIX from Input Load Current to Input Leakage
Current in DC Electrical Characteristics table
Removed IOS parameter from DC Electrical Characteristics table
Updated the Ordering Information table
[+] Feedback
[+] Feedback


Similar Part No. - CY7C185_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
   8K X 8 STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com