Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1009BN-20VC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1009BN-20VC
Description  128K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1009BN-20VC Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C1009BN-20VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1009BN-20VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY7C109BN
CY7C1009BN
Document #: 001-06430 Rev. **
Page 8 of 9
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All product and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams (continued)
MIN.
MAX.
PIN 1 ID
0.291
0.300
0.050
TYP.
0.007
0.013
0.330
0.350
0.120
0.140
0.025 MIN.
0.262
0.272
0.697
0.713
0.013
0.019
0.014
0.020
0.032
0.026
A
A
DETAIL
EXTERNAL LEAD DESIGN
OPTION 1
OPTION 2
1
14
15
28
0.004
SEATING PLANE
NOTE :
1. JEDEC STD REF MO088
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.006 in (0.152 mm) PER SIDE
3. DIMENSIONS IN INCHES
51-85031-*C
28-Lead (300-Mil) Molded SOJ (51-85031)
51-85056-*D
32-Lead TSOP I (8x20 mm) (51-85056)
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1009BN-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1009BN-20VC CYPRESS-CY7C1009BN-20VC Datasheet
444Kb / 9P
   128K x 8 Static RAM
More results

Similar Description - CY7C1009BN-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com