Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9950AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7B9950AXC
Description  2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7B9950AXC Datasheet HTML 1Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RoboClock®
CY7B9950
Document #: 38-07338 Rev. *C
Page 4 of 10
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Operating Voltage
Functional @ 2.5V ± 5%
2.375
2.625
V
VDD
Operating Voltage
Functional @ 3.3V ± 10%
2.97
3.63
V
VIN(MIN)
Input Voltage
Relative to VSS
VSS – 0.3
V
VIN(MAX)
Input Voltage
Relative to VDD
VDD + 0.3
V
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
155
°C
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
42
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
105
°C/W
ESDHBM
ESD Protection (Human Body Model) MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
@1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
FIT
Failure in Time
Manufacturing Testing
10
ppm
DC Electrical Specifications @ 2.5V
Parameter
Description
Conditions
Min.
Max.
Unit
VDD
2.5 Operating Voltage
2.5V ± 5%
2.375
2.625
V
VIL
Input LOW Voltage
REF, FB and sOE# Inputs
0.7
V
VIH
Input HIGH Voltage
1.7
V
VIHH
[9]
Input HIGH Voltage
3-Level Inputs
(TEST, FS, nF[1:0], PE/HD) (These pins
are normally wired to VDD,GND or uncon-
nected.)
VDD – 0.4
V
VIMM
[9]
Input MID Voltage
VDD/2 – 0.2
VDD/2 +
0.2
V
VILL
[9]
Input LOW Voltage
0.4
V
IIL
Input Leakage Current
VIN = VDD/GND,
VDD = max. (REF and FB inputs)
–5
5
µA
I3
3-Level Input DC Current
HIGH, VIN = VDD
3-Level Inputs
(TEST, FS, nF[1:0],
DS[1:0], PD#/DIV,
PE/HD)
200
µA
MID, VIN = VDD/2
–50
50
µA
LOW, VIN = VSS
–200
µA
IPU
Input Pull-up Current
VIN = VSS, VDD = max.
–25
µA
IPD
Input Pull-down Current
VIN = VDD, VDD = max., (sOE#)
100
µA
VOL
Output LOW Voltage
IOL = 12 mA (PE/HD = L/H), (nQ[0:1])
0.4
V
IOL = 20 mA (PE/HD = MID), (nQ[0:1])
0.4
V
VOH
Output HIGH Voltage
IOH = –12 mA (PE/HD = L/H), (nQ[0:1])
2.0
V
IOH = –20 mA (PE/HD = MID), (nQ[0:1])
2.0
V
IDDQ
Quiescent Supply Current
VDD = max., TEST = MID, REF = LOW,
sOE# = LOW, outputs not loaded
–2
mA
IDD
Dynamic Supply Current
@ 100 MHz
150
mA
CIN
Input Pin Capacitance
4
pF
Note:
9. These inputs are normally wired to VDD, GND or unconnected. Internal termination resistors bias unconnected inputs to VDD/2.
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9950AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9950AXC CYPRESS-CY7B9950AXC Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950AXCT CYPRESS-CY7B9950AXCT Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results

Similar Description - CY7B9950AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950 Datasheet
170Kb / 9P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995 Datasheet
296Kb / 11P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com