Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC32365 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # RC32365
Description  IDTTM InterpriseTM Integrated Communications Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC32365 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button RC32365 Datasheet HTML 7Page - Integrated Device Technology RC32365 Datasheet HTML 8Page - Integrated Device Technology RC32365 Datasheet HTML 9Page - Integrated Device Technology RC32365 Datasheet HTML 10Page - Integrated Device Technology RC32365 Datasheet HTML 11Page - Integrated Device Technology RC32365 Datasheet HTML 12Page - Integrated Device Technology RC32365 Datasheet HTML 13Page - Integrated Device Technology RC32365 Datasheet HTML 14Page - Integrated Device Technology RC32365 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11 of 44
October 5, 2005
RC32365
Boot Configuration Vector
The boot configuration vector is read into the RC32365 during cold reset. The vector defines parameters in the RC32365 that are essential to oper-
ation when cold reset is complete.
The encoding of boot configuration vector is described in Table 3, and the vector input is illustrated in Figure 4.
Signal
Name/Description
MDATA[2:0]
CPU Clock Multiplier. This field specifies the value by which the PLL multiplies the master
clock input (CLK) to obtain the processor clock frequency (PCLK).
0x0 - Multiply by 2
0x1 - 0x7 — Reserved
MDATA[3]
Endian. This bit specifies the endianness.
0x0 - little endian
0x1 - big endian
MDATA[4]
Reserved. This pin may be driven high or low during boot configuration and its state is
recorded in the Boot Configuration Vector (BCV) field of the BCV register. This reserved bit
may be used to pass boot configuration parameters to software.
MDATA[6:5]
Boot Device Width. This field specifies the width of the boot device (i.e., Device 0).
0x0 - 8-bit boot device width
0x1 - 16-bit boot device width
0x2 - 32-bit boot device width
0x3 - reserved
MDATA[7]
Reset Mode. This bit specifies the length of time the RSTN signal is driven.
0x0 - Normal reset: RSTN driven for minimum of 4096 clock cycles
0x1 - reserved
MDATA[8]
Disable Watchdog Timer. When this bit is set, the watchdog timer is disabled following a cold
reset.
0x0 - Watchdog timer is enabled
0x1 - Watchdog timer is disabled
MDATA[11:9]
PCI Mode. This bit controls the operating mode of the PCI bus interface. The initial value of the
EN bit in the PCIC register is determined by the PCI mode.
0x0 - Disabled (EN initial value is zero)
0x1 - PCI satellite mode with PCI target not ready (EN initial value is one)
0x2 - PCI satellite mode with suspended CPU execution (EN initial value is one)
0x3 - PCI host mode with external arbiter (EN initial value is zero)
0x4 - PCI host mode with internal arbiter using fixed priority arbitration algorithm
(EN initial value is zero)
0x5 - PCI host mode with internal arbiter using round robin arbitration algorithm
(EN initial value is zero)
0x6 - reserved
0x7 - reserved
MDATA[15:12]
Reserved. These pins may be driven high or low during boot configuration and their state is
recorded in the Boot Configuration Vector (BCV) field of the BCV register. These reserved bits
may be used to pass boot configuration parameters to software.
Table 3 Boot Configuration Vector Encoding


Similar Part No. - RC32365

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
More results

Similar Description - RC32365

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Integrated Device Techn...
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
   IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
   IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com