Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS98UAE877AHLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS98UAE877AHLFT
Description  1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS98UAE877AHLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS98UAE877AHLFT Datasheet HTML 1Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 2Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 3Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 4Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 5Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 6Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 7Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 8Page - Integrated Device Technology ICS98UAE877AHLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
ICS98UAE877A
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
1
ICS98UAE877A
7181/2
Description
The PLL clock buffer, ICS98UAE877A, is designed for a
VDDQ of 1.5V, an AVDD of 1.5V and differential data input
and output levels.
ICS98UAE877A is a zero delay buffer that distributes a
differential clock input pair (CLK_INT, CLK_INC) to ten
differential pair of clock outputs (CLKT[0:9], CLKC[0:9]) and
one differential pair feedback clock outputs (FB_OUTT,
FBOUTC). The clock outputs are controlled by the input
clocks (CLK_INT, CLK_INC), the feedback clocks (FB_INT,
FB_INC), the LVCMOS program pins (OE, OS) and the
Analog Power input (AVDD). When OE is low, the outputs
(except FB_OUTT/FB_OUTC) are disabled while the
internal PLL continues to maintain its locked-in frequency.
OS (Output Select) is a program pin that must be tied to
GND or VDDQ. When OS is high, OE will function as
described above. When OS is low, OE has no effect on
CLKT7/CLKC7 (they are free running in addition to
FB_OUTT/FB_OUTC). When AVDD is grounded, the PLL is
turned off and bypassed for test purposes.
When both clock signals (CLK_INT, CLK_INC) are logic
low, the device will enter a low power mode. An input logic
detection circuit on the differential inputs, independent from
the input buffers, will detect the logic low level and perform
a low power state where all outputs, the feedback and the
PLL are OFF. When the inputs transition from both being
logic low to being differential signals, the PLL will be turned
back on, the inputs and outputs will be enabled and the PLL
will obtain phase lock between the feedback clock pair
(FB_INT, FB_INC) and the input clock pair (CLK_INT,
CLK_INC) within the specified stabilization time tSTAB.
The PLL in ICS98UAE877A clock driver uses the input
clocks (CLK_INT, CLK_INC) and the feedback clocks
(FB_INT, FB_INC) to provide high-performance, low-skew,
low-jitter output differential clocks (CLKT[0:9], CLKC[0:9]).
ICS98UAE877A is also able to track Spread Spectrum
Clocking (SSC) for reduced EMI.
ICS98UAE877A is available in Commercial Temperature
Range (0°C to 70°C) and Industrial Temperature Range
(-40°C to +85°C). See Ordering Information for details
Features
Low skew, low jitter PLL clock driver
1 to 10 differential clock distribution
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
Auto PD when input signal is at a certain logic state
Available in 52-ball VFBGA and a 40-pin MLF
Applications
DDR2 Memory Modules / Zero Delay Board Fan Out
Provides complete DDR DIMM solution with
IDT74SSTUAE32xxx family
Switching Characteristics
Period jitter:
40ps (DDR2-400/533)
30ps (DDR2-667)
Half-period jitter:
60ps (DDR2-400/533)
50ps (DDR2-667)
Output-Output Skew 40ps (DDR2-400/533)
30ps (DDR2-667)
Cycle-Cycle Jitter
40ps


Similar Part No. - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
More results

Similar Description - ICS98UAE877AHLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
   1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com