Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9930V-2AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B9930V-2AI
Description  High-Speed Multi-Frequency PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9930V-2AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B9930V-2AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9930V-2AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RoboClockII™ Junior
CY7B9930V
CY7B9940V
Document #: 38-07271 Rev. *B
Page 2 of 9
Block Diagram Description
Phase Frequency Detector and Filter
These two blocks accept signals from the REF inputs (REFA+,
REFA–, REFB+ or REFB–) and the FB input (FBKA).
Correction information is then generated to control the
frequency of the Voltage Controlled Oscillator (VCO). These
two blocks, along with the VCO, form a Phase-Locked Loop
(PLL) that tracks the incoming REF signal.
The RoboClockII
 Junior has a flexible REF input scheme.
These inputs allow the use of either differential LVPECL or
single-ended LVTTL inputs. To configure as single-ended
LVTTL inputs, the complementary pin must be left open (inter-
nally pulled to 1.5V), then the other input pin can be used as
a LVTTL input. The REF inputs are also tolerant to hot
insertion.
The REF inputs can be changed dynamically. When changing
from one reference input to the other reference input of the
same frequency, the PLL is optimized to ensure that the clock
outputs period will not be less than the calculated system
budget (tMIN = tREF (nominal reference clock period) – tCCJ
(cycle-to-cycle jitter) – tPDEV (max. period deviation)) while
reacquiring lock.
VCO, Control Logic, and Divide Generator
The VCO accepts analog control inputs from the PLL filter
block. The FS control pin setting determines the nominal
operational frequency range of the divide by one output (fNOM)
of the device. fNOM is directly related to the VCO frequency.
There are two versions of the RoboClockII Junior, a low-speed
device (CY7B9930V) where fNOM ranges from 12 MHz to 100
MHz, and a high-speed device (CY7B9940V) which ranges
from 24 MHz to 200 MHz. The FS setting for each device is
shown
in
Table 1.
The
fNOM frequency is seen on
“divide-by-one” outputs.
Note:
1.
For all three-state inputs, HIGH indicates a connection to VCC, LOW indicates a connection to GND, and MID indicates an open connection. Internal termination
circuitry holds an unconnected input to VCC/2.
2.
The level to be set on FS is determined by the “nominal” operating frequency (fNOM) of the VCO. fNOM always appears on an output when the output is operating
in the undivided mode. The REF and FB are at fNOM when the output connected to FB is undivided.
3.
The maximum output frequency is 200 MHz.
Pin Definitions[1]
Name
I/O
Type
Description
FBKA
Input
LVTTL
Feedback Input.
REFA+, REFA–
REFB+, REFB–
Input
LVTTL/
LVDIFF
Reference Inputs: These inputs can operate as differential PECL or single-ended TTL
reference inputs to the PLL. When operating as a single-ended LVTTL input, the comple-
mentary input must be left open.
REFSEL
Input
LVTTL
Reference Select Input: The REFSEL input controls how the reference input is configured.
When LOW, it will use the REFA pair as the reference input. When HIGH, it will use the
REFB pair as the reference input. This input has an internal pull-down.
FS
Input
3-level
Input
Frequency Select: This input must be set according to the nominal frequency (fNOM). See
Table 1.
FBDS[0:1]
Input
3-level
Input
Feedback Divider Function Select. These inputs determine the function of the QFA0 and
QFA1 outputs. See Table 2.
DIS[1:2]
Input
LVTTL
Output Disable: Each input controls the state of the respective output bank. When HIGH,
the output bank is disabled to the “HOLD-OFF” or “HI-Z” state; the disable state is deter-
mined by OUTPUT_MODE. When LOW, the [1:4]Q[A:B][0:1] is enabled. See Table 3.
These inputs each have an internal pull-down.
LOCK
Output LVTTL
PLL Lock Indicator: When HIGH, this output indicates the internal PLL is locked to the
reference signal. When LOW, the PLL is attempting to acquire lock.
Output_Mode
Input
3-Level
Input
Output Mode: This pin determines the clock outputs’ disable state. When this input is HIGH,
the clock outputs will disable to high-impedance (HI-Z). When this input is LOW, the clock
outputs will disable to “HOLD-OFF” mode. When in MID, the device will enter factory test
mode.
QFA[0:1]
Output LVTTL
Clock Feedback Output: This pair of clock outputs is intended to be connected to the FB
input. These outputs have numerous divide options. The function is determined by the
setting of the FBDS[0:1] pins.
[1:2]Q[A:B][0:1]
Output LVTTL
Clock Output.
VCCN
PWR
Output Buffer Power: Power supply for each output pair.
VCCQ
PWR
Internal Power: Power supply for the internal circuitry.
GND
PWR
Device Ground.
Table 1. Frequency Range Select
FS[2]
CY7B9930V
CY7B9940V
fNOM (MHz)
fNOM (MHz)
Min.
Max.
Min.
Max.
LOW
12
262452
MID
24
52
48
100
HIGH
48
100
96
200[3]
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9930V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9930V-2AI CYPRESS-CY7B9930V-2AI Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
More results

Similar Description - CY7B9930V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com