Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS97ULPA877A Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS97ULPA877A
Description  1.8V Low-Power Wide-Range Frequency Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97ULPA877A Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS97ULPA877A Datasheet HTML 3Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 4Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 5Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 6Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 7Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 8Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 9Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 10Page - Integrated Circuit Systems ICS97ULPA877A Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
ICS97ULPA877A
1088B—01/18/06
Notes:
1.
Switching characteristics guaranteed for application frequency range.
2.
Static phase offset shifted by design.
Switching Characteristics
1
TA = 0 - 70°C Supply Voltage AVDD, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
(MHz)
MIN
TYP
MAX
UNITS
Output enable time
ten
OE to any output
4.73
8
ns
Output disable time
tdis
OE to any output
5.82
8
ns
160 to 270
-40
40
ps
271 to 410
-30
30
ps
160 to 270
-60
60
ps
271 to 410
-50
50
ps
Input Clock
1
2.5
4
v/ns
Output Enable (OE), (OS)
0.5
v/ns
Output clock slew rate
SLr1(o)
1.5
2.5
3
v/ns
tjit(cc+)
040
ps
tjit(cc-)
0
-40
ps
160 to 270
-50
50
ps
271 to 410
-20
20
ps
Static Phase Offset
tSPO
2
271 to 410
-50
0
50
ps
t jit (per) + t (Ø)dyn + t skew(o)
(su)
80
ps
t(Ø)dyn + tskew(o)
t (h)
60
ps
160 to 270
40
ps
271 to 410
30
ps
SSC modulation frequency
30.00
33
kHz
SSC clock input frequency
deviation
0.00
-0.50
%
PLL Loop bandwidth (-3 dB
from unity gain)
2.0
MHz
Output to Output Skew
tskew
160 to 410
Period jitter
tjit (per)
Input slew rate
SLr1(i)
160 to 410
Cycle-to-cycle period jitter
Dynamic Phase Offset
t(Ø)dyn
Half-period jitter
tjit(hper)


Similar Part No. - ICS97ULPA877A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97ULPA877AKLF-T RENESAS-ICS97ULPA877AKLF-T Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results

Similar Description - ICS97ULPA877A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A845A ICST-ICS97U2A845A Datasheet
215Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97U2A877A RENESAS-ICS97U2A877A Datasheet
390Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP877A ICST-ICS97ULP877A Datasheet
176Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com