Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9940V-2AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B9940V-2AC
Description  High-Speed Multi-Frequency PLL Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9940V-2AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B9940V-2AC Datasheet HTML 1Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 2Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 3Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 4Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 5Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 6Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 7Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 8Page - Cypress Semiconductor CY7B9940V-2AC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RoboClockII™ Junior
CY7B9930V
CY7B9940V
Document #: 38-07271 Rev. *B
Page 3 of 9
Divide Matrix
The Divide Matrix is comprised of three independent banks:
two banks of clock outputs and one bank for feedback. Each
clock output bank has two pairs of low-skew, high-fanout
output buffers ([1:2]Q[A:B][0:1]), and an output disable
(DIS[1:2]).
The feedback bank has one pair of low-skew, high-fanout
output buffers (QFA[0:1]). One of these outputs may connect
to the selected feedback input (FBKA+). This feedback bank
also has two divider function selects FBDS[0:1].
The divide capabilities for each bank are shown in Table 2.
Output Disable Description
The outputs of Bank 1 and Bank 2 can be independently put
into a HOLD-OFF or high-impedance state. The combination
of the Output_Mode and DIS[1:2] inputs determines the clock
outputs’ state for each bank. When the DIS[1:2] is LOW, the
outputs of the corresponding bank will be enabled. When the
DIS[1:2] is HIGH, the outputs for that bank will be disabled to
a high-impedance (HI-Z) or HOLD-OFF state depending on
the Output_Mode input. Table 3 defines the disabled output
functions.
The HOLD-OFF state is intended to be a power saving feature.
An output bank is disabled to the HOLD-OFF state in a
maximum of six output clock cycles from the time when the
disable input (DIS[1:2]) is HIGH. When disabled to the
HOLD-OFF state, outputs are driven to a logic LOW state on
its falling edge. This ensures the output clocks are stopped
without glitch. When a bank of outputs is disabled to HI-Z state,
the respective bank of outputs will go HI-Z immediately.
Lock Detect Output Description
The LOCK detect output indicates the lock condition of the
integrated PLL. Lock detection is accomplished by comparing
the phase difference between the reference and feedback
inputs. Phase error is declared when the phase difference
between the two inputs is greater than the specified device
propagation delay limit (tPD).
When in the locked state, after four or more consecutive
feedback clock cycles with phase-errors, the LOCK output will
be forced LOW to indicate out-of-lock state.
When in the out-of-lock state, 32 consecutive phase-errorless
feedback clock cycles are required to allow the LOCK output
to indicate lock condition (LOCK = HIGH).
If the feedback clock is removed after LOCK has gone HIGH,
a “Watchdog” circuit is implemented to indicate the out-of-lock
condition after a time-out period by deasserting LOCK LOW.
This time out period is based upon a divided down reference
clock.
This assumes that there is activity on the selected REF input.
If there is no activity on the selected REF input then the LOCK
detect pin may not accurately reflect the state of the internal
PLL.
Factory Test Mode Description
The
device
will
enter
factory
test
mode
when
the
OUTPUT_MODE is driven to MID. In factory test mode, the
device will operate with its internal PLL disconnected; input
level supplied to the reference input will be used in place of the
PLL output. In TEST mode the selected FB input must be tied
LOW. All functions of the device are still operational in factory
test mode except the internal PLL and output bank disables.
The OUTPUT_MODE input is designed to be a static input.
Dynamically toggling this input from LOW to HIGH may tempo-
rarily cause the device to go into factory test mode (when
passing through the MID state).
Factory Test Reset
When in factory test mode (OUTPUT_MODE = MID), the
device can be reset to a deterministic state by driving the DIS2
input HIGH. When the DIS2 input is driven HIGH in factory test
mode, all clock outputs will go to HI-Z; after the selected
reference clock pin has 5 positive transitions, all the internal
finite state machines (FSM) will be set to a deterministic state.
The deterministic state of the state machines will depend on
the configurations of the divide selects and frequency select
input. All clock outputs will stay in high-impedance mode and
all FSMs will stay in the deterministic state until DIS2 is
deasserted. When DIS2 is deasserted (with OUTPUT_MODE
still at MID), the device will re-enter factory test mode.
Table 2. Output Divider Function
Function
Selects
Output Divider Function
FBDS1
FBDS0
Bank1
Bank2
Feedback
Bank
LOW
LOW
/1
/1
/1
LOW
MID
/1
/1
/2
LOW
HIGH
/1
/1
/3
MID
LOW
/1
/1
/4
MID
MID
/1
/1
/5
MID
HIGH
/1
/1
/6
HIGH
LOW
/1
/1
/8
HIGH
MID
/1
/1
/10
HIGH
HIGH
/1
/1
/12
Table 3. DIS[1:2] Pin Functionality
OUTPUT_MODE
DIS[1:2]/FBDIS
Output Mode
HIGH/LOW
LOW
ENABLED
HIGH
HIGH
HI-Z
LOW
HIGH
HOLD-OFF
MID
X
FACTORY TEST
[+] Feedback
[+] Feedback


Similar Part No. - CY7B9940V-2AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9940V-2AC CYPRESS-CY7B9940V-2AC Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
More results

Similar Description - CY7B9940V-2AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
   High Speed Multifrequency PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com