Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74SSTUBF32865ABKG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74SSTUBF32865ABKG8
Description  28-BIT 1:2 REGISTERED BUFFER WITH PARITY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTUBF32865ABKG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT74SSTUBF32865ABKG8 Datasheet HTML 3Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 4Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 5Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 6Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 7Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 8Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 9Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 10Page - Integrated Device Technology IDT74SSTUBF32865ABKG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IDT74SSTUBF32865A
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
COMMERCIAL TEMPERATURE GRADE
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
7
IDT74SSTUBF32865A
7092/10
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Item
Rating
Supply Voltage, VDD
-0.5V to 2.5V
Input Voltage Range, VI1
1
The input and output negative voltage ratings may be exceeded if the ratings of the I/P and
O/P clamp current are observed.
-0.5V to VDD + 2.5V
Output Voltage Range, VO1,2
2
This current will flow only when the output is in the high state level VO > VDDQ.
-0.5V to VDDQ + 0.5V
Input Clamp Current, IIK
±50mA
Output Clamp Current, IOK
±50mA
Continuous Output Clamp Current, IO
±50mA
Continuous Current through each VDD or GND
±100mA
Package Thermal Impedance (
θja)3
3
The package thermal impedance is calculated in accordance with JESD 51.
0m/s Airflow
44.3
°C/W
1m/s Airflow
38.1
°C/W
Storage Temperature
-65 to +150
°C


Similar Part No. - IDT74SSTUBF32865ABKG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTUBF32865ABKG8 RENESAS-IDT74SSTUBF32865ABKG8 Datasheet
600Kb / 17P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
2019
More results

Similar Description - IDT74SSTUBF32865ABKG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTUBF32865A RENESAS-IDT74SSTUBF32865A Datasheet
600Kb / 17P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
2019
logo
Integrated Device Techn...
IDT74SSTU32865 IDT-IDT74SSTU32865 Datasheet
218Kb / 15P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
Renesas Technology Corp
IDT74SSTU32865 RENESAS-IDT74SSTU32865 Datasheet
424Kb / 16P
   28-BIT 1:2 REGISTERED BUFFER WITH PARITY
APRIL 2005
logo
Integrated Device Techn...
IDT74SSTU32D869 IDT-IDT74SSTU32D869 Datasheet
223Kb / 16P
   14-BIT 1:2 REGISTERED BUFFER WITH PARITY
logo
NXP Semiconductors
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
   1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com