Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991V-5JCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7B991V-5JCT
Description  Low Voltage Programmable Skew Clock Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991V-5JCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7B991V-5JCT Datasheet HTML 1Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 2Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 3Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 4Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 5Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 6Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 7Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 8Page - Cypress Semiconductor CY7B991V-5JCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7B991V
3.3V RoboClock®
Document Number: 38-07141 Rev. *C
Page 5 of 14
Operational Mode Descriptions
Figure 2 shows the LVPSCB configured as a zero skew clock buffer. In this mode, the CY7B991V is the basis for a low skew clock
distribution tree. When all of the function select inputs (xF0, xF1) are left open, the outputs are aligned and drive a terminated
transmission line to an independent load. The FB input is tied to any output in this configuration and the operating frequency range
is selected with the FS pin. The low skew specification, coupled with the ability to drive terminated transmission lines (with impedances
as low as 50 ohms), enables efficient printed circuit board design.
Figure 3 shows a configuration to equalize skew between metal traces of different lengths. In addition to low skew between outputs,
the LVPSCB is programmed to stagger the timing of its outputs. The four groups of output pairs are each programmed to different
output timing. Skew timing is adjusted over a wide range in small increments with the appropriate strapping of the function select pins.
In this configuration, the 4Q0 output is sent back to FB and configured for zero skew. The other three pairs of outputs are programmed
to yield different skews relative to the feedback. By advancing the clock signal on the longer traces or retarding the clock signal on
shorter traces, all loads receive the clock pulse at the same time.
Figure 2. Zero Skew and Zero Delay Clock Driver
Figure 3. Programmable Skew Clock Driver
SYSTEM
CLOCK
L1
L2
L3
L4
LENGTH L1 = L2 = L3 = L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0
LENGTH L1 = L2
L3 < L2 by 6 inches
L4 > L2 by 6 inches
SYS-
TEM
CLOCK
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0


Similar Part No. - CY7B991V-5JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V-5JCT CYPRESS-CY7B991V-5JCT Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results

Similar Description - CY7B991V-5JCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com