Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP-S Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WP-S
Description  Compact Flameproof Power Wirewound Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WP-S Datasheet(HTML) 2 Page - Welwyn Components Limited

  WP-S Datasheet HTML 1Page - Welwyn Components Limited WP-S Datasheet HTML 2Page - Welwyn Components Limited WP-S Datasheet HTML 3Page - Welwyn Components Limited WP-S Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Compact Flameproof Power
Wirewound Resistors
WP-S Series
Welwyn Components
Performance Data
Maximum
Typical Change
Load at rated power: 1000hrs @ 25°C
R%
5 +0.001
3
Dry heat: 1000hrs @ 200°C
R%
5 +0.001
3
Short term overload (5 x Pr for 5s)
R%
5 +0.001
1
Derating from rated power @25°C
Zero at 280°C
Climatic
R%
5 +0.001
2
Climatic category
55/200/56
TRC & Vibration
R%
5 +0.001
1
Robustness & solder heat
R%
5 +0.001
1
Long term damp heat (56 days)
R%
5 +0.001
1
Material:
Hot tin dipped copper wire
Strength:
The terminations meet the requirements of IEC 68.2.21
Solderability:
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Terminations
WP1S, WP2S, WP25S and WP3S resistors R10 and above are marked with four
or five colour bands in conformance with IEC62.
Values below R10 are marked with three bands (two digits indicating value in milliohms, and tolerance); there is no multiplier
band. WP4S, WP5S and WP7S resistors are legend marked with type reference, resistance value and tolerance.
Marking
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
Solvent Resistance
The resistor coating will not burn or emit incandescent particles under any condition of applied temperature or power overload.
Flammability
The pulse energy capacity limits in the graph below relate to pulses below 100ms duration, low mean power dissipation and at
25ºC.
Pulse Performance
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 07.06
100
WP-S Short Pulse Energy Capacity
Value (ohms)
10
1
0.1
0.1
1
10
100
1000
10000
WP7S
WP5S
WP4S
WP3S
WP2S
WP1S
WP25S


Similar Part No. - WP-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
7Mb / 116P
   Products for Mobile Equipment
WP-064064-25-9 MACOM-WP-064064-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
WP-064064-25-9 MACOM-WP-064064-25-9 Datasheet
7Mb / 116P
   Products for Mobile Equipment
WP-080080-10-9 MACOM-WP-080080-10-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Similar Description - WP-S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
   FLAMEPROOF WIREWOUND RESISTORS
logo
List of Unclassifed Man...
FA80 ETC1-FA80 Datasheet
84Kb / 2P
   Flameproof Power Oxide Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
   Flameproof Power Metal Film Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com