Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT143-02-B002-GG Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SOT143-02-B002-GG
Description  4-PIN SMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SOT143-02-B002-GG Datasheet(HTML) 2 Page - Welwyn Components Limited

  SOT143-02-B002-GG Datasheet HTML 1Page - Welwyn Components Limited SOT143-02-B002-GG Datasheet HTML 2Page - Welwyn Components Limited SOT143-02-B002-GG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT143 Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
SOT143
4-PIN SMT Package
Schematic / Circuit Detail
Schematics
1
2
3
4
R1
Schematic D (bussed)
R2
R3
R2
1
2
4
3
Schematic C (isolated)
R3
1
2
4
3
Schematic B (series)
R2
R3
R1
1
2
4
3
Schematic A (series)
R2
R3
R1
Circuit Details for Schematic A
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
A001
500.0
50.0K
50.0K
A002
10.0K
10.0K
10.0K
A003
900.0
100.0
9.0K
A004
500.0
48.0K
48.0K
A005
200.0
40.0K
40.0K
Circuit Details for Schematic C
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
C001
N/A
10.0K
10.0K
C002
N/A
1.0K
1.0K
C003
N/A
9.0K
1.0K
C004
N/A
750.0
750.0
C005
N/A
40.0K
40.0K
C006
N/A
33.0K
330.0
C007
N/A
2.0K
2.0K
C008
N/A
10.0K
2.0K
C009
N/A
10.0K
200.0
C010
N/A
2.1K
10.0K
Circuit Details for Schematic B
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
B001
10.0K
10.0K
10.0K
B002
900.0
100.0
9.0K
B003
1.0K
10.0K
10.0K
Circuit Details for Schematic D
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
D001
121.0
1.33K
1.0K
D002
2.0K
1.0K
2.0K
D003
50.0K
5.0K
5.0K
D004
5.4K
5.4K
27.5K
D005
40.0K
40.0K
40.0K
D006
10.0K
10.0K
20.0K
D007
20.0K
20.0K
20.0K


Similar Part No. - SOT143-02-B002-GG

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SOT143 WILLOW-SOT143 Datasheet
248Kb / 2P
   SMT-Precision-R-Networks
logo
Diodes Incorporated
SOT143 DIODES-SOT143 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT143 DIODES-SOT143 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Global Mixed-mode Techn...
SOT143 GMT-SOT143 Datasheet
130Kb / 1P
   Package Outline
logo
TT Electronics.
SOT143 TTELEC-SOT143 Datasheet
547Kb / 4P
   Extremely small industry standard package
More results

Similar Description - SOT143-02-B002-GG

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
   CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
logo
E&E Magnetic Products L...
835-01423F EEMAGNETIC-835-01423F Datasheet
183Kb / 4P
   PXFM,EP12, 12mH, 225mA, SMT, 4 PIN
logo
Adam Technologies, Inc.
RT4-3-SMT ADAM-TECH-RT4-3-SMT Datasheet
91Kb / 1P
   SMT TYPE PIN TO PIN
logo
Molex Electronics Ltd.
0855025009 MOLEX9-0855025009 Datasheet
150Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT,4/4, Pin-in-Hole- Reflow
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
logo
Wurth Elektronik GmbH &...
6100XX21121 WURTH-6100XX21121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
61000418221 WURTH-61000418221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
61002418221 WURTH-61002418221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
logo
Wurth Elektronik GmbH &...
61001618221 WURTH-61001618221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com