Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS548A-03 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS548A-03
Description  LOW SKEW CLOCK INVERTER AND DIVIDER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS548A-03 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS548A-03 Datasheet HTML 1Page - Integrated Device Technology ICS548A-03 Datasheet HTML 2Page - Integrated Device Technology ICS548A-03 Datasheet HTML 3Page - Integrated Device Technology ICS548A-03 Datasheet HTML 4Page - Integrated Device Technology ICS548A-03 Datasheet HTML 5Page - Integrated Device Technology ICS548A-03 Datasheet HTML 6Page - Integrated Device Technology ICS548A-03 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW SKEW CLOCK INVERTER AND DIVIDER
ICS548A-03
IDT™ / ICS™ LOW SKEW CLOCK INVERTER AND DIVIDER
1
ICS548A-03
REV C 063006
Description
The ICS548A-03 is a low cost, low skew, high-performance
general purpose clock designed to produce a set of one
output clock, one inverted output clock, and one clock
divided-by-two. Using our patented Phase-Locked Loop
(PLL) techniques, the device operates from a frequency
range of 10 MHz to 120 MHz in the PLL mode, and up to
160 MHz in the non-PLL mode.
In applications that need to maintain low phase noise in the
clock tree, the non-PLL (when S3=S2=1) modes should be
used.
This chip is not a zero delay buffer. Many applications may
be able to use the ICS527 for zero delay dividers.
Features
Packaged in 16-pin SOIC (150 mil)
Input clock up to 160 MHz in the non-PLL mode
Provides clock outputs of CLK, CLK, and CLK/2
Low skew (500 ps) on CLK, CLK, and CLK/2
All outputs can be tri-stated
Entire chip can be powered down by changing one or two
select pins
3.3 V operating range
Available in commercial and industrial temperature
ranges
RoHS 5 (green) or RoHS 6 (green and lead free)
compliant package
Block Diagram
Input
Buffer
CLK
Clock
Synthesis
and Divider
Circuitry
Clock
input
S3:S0
4
VDD
2
GND
2
CLK
CLK/2
OE (all outputs)


Similar Part No. - ICS548A-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
   LOW SKEW CLOCK INVERTER AND DIVIDER
063006
More results

Similar Description - ICS548A-03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
   LOW SKEW CLOCK INVERTER AND DIVIDER
063006
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Semtech Corporation
E118AHF SEMTECH-E118AHF Datasheet
79Kb / 11P
   Low Skew Clock Spreader
logo
National Semiconductor ...
100315 NSC-100315 Datasheet
82Kb / 6P
   Low-Skew Quad Clock Driver
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
   LOW SKEW CMOS CLOCK DRIVER
logo
Fairchild Semiconductor
100315 FAIRCHILD-100315 Datasheet
50Kb / 4P
   Low Skew Quad Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com