Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD001 Datasheet(PDF) 61 Page - Integrated Device Technology

Part # 92HD001
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD001 Datasheet(HTML) 61 Page - Integrated Device Technology

Back Button 92HD001 Datasheet HTML 57Page - Integrated Device Technology 92HD001 Datasheet HTML 58Page - Integrated Device Technology 92HD001 Datasheet HTML 59Page - Integrated Device Technology 92HD001 Datasheet HTML 60Page - Integrated Device Technology 92HD001 Datasheet HTML 61Page - Integrated Device Technology 92HD001 Datasheet HTML 62Page - Integrated Device Technology 92HD001 Datasheet HTML 63Page - Integrated Device Technology 92HD001 Datasheet HTML 64Page - Integrated Device Technology 92HD001 Datasheet HTML 65Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
92HD001/92HD001D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
61
92HD001/92HD001D
V 1.0 12/06
IDT CONFIDENTIAL
5.10. DigInPin Node (NID = 0x08)
5.10.1. DigInPin WCap
Table 105. DAC0Mux LR Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:3]
Rsvd2
R
0x0
Reserved
[2]
SwapEn
RW
0x0
1= swap left and right channels of this Widget.
[1.:0]
Rsvd1
R
0x0
Reserved
Table 106. DigInPin WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 107. DigInPin WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
Rsvd2
R
0x0
Reserved
[23.:20]
Type
R
0x4
Widget type = Pin Complex
[19.:16]
Delay
R
0x3
Number of sample delays through widget
[15.:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x1
Power State control is supported
[9]
DigitalStrm
R
0x1
Widget supports a Digital stream
[8]
ConnList
R
0x0
No connection list is present
[7]
UnsolCap
R
0x1
Unsolicited Response is supported
[6]
ProcWidget
R
0x0
No Processing Controls parameter
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
N/A for pin complex


Similar Part No. - 92HD001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005DX3NLGXYYX IDT-92HD005DX3NLGXYYX Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005DX3NLGXYYX8 IDT-92HD005DX3NLGXYYX8 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005DX3PRGXYYX IDT-92HD005DX3PRGXYYX Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
92HD005DX3PRGXYYX8 IDT-92HD005DX3PRGXYYX8 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
More results

Similar Description - 92HD001

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC268 REALTEK-ALC268 Datasheet
1Mb / 80P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC260 REALTEK-ALC260 Datasheet
1Mb / 79P
   2 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC268-GR REALTEK-ALC268-GR Datasheet
1Mb / 85P
   22 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888T-GR REALTEK-ALC888T-GR Datasheet
1Mb / 79P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC883-GR REALTEK-ALC883-GR Datasheet
1,003Kb / 78P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-GR REALTEK-ALC888S-GR Datasheet
1Mb / 84P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com