Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3510M04-T2-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE3510M04-T2-A
Description  HETERO JUNCTION FIELD EFFECT TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3510M04-T2-A Datasheet(HTML) 1 Page - California Eastern Labs

  NE3510M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 7Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 8Page - California Eastern Labs NE3510M04-T2-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3510M04
L TO S BAND LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
Document No. PG10676EJ01V0DS (1st edition)
Date Published July 2007 NS
2007
FEATURES
• Low noise figure and high associated gain
NF = 0.45 dB TYP., Ga = 16 dB TYP. @ f = 4 GHz, VDS = 2 V, ID = 15 mA
NF = 0.35 dB TYP., Ga = 19 dB TYP. @ f = 2 GHz, VDS = 2 V, ID = 10 mA (Reference only)
• Flat-lead 4-pin thin-type super minimold (M04) package
APPLICATIONS
• Satellite radio (SDARS, DMB, etc.) antenna LNA
• Low noise amplifier for microwave communication system
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Marking
Supplying Form
1
8
V
)
l
e
e
r
n
o
N
(
s
c
p
0
5
A
-
4
0
M
0
1
5
3
E
N
4
0
M
0
1
5
3
E
N
NE3510M04-T2
NE3510M04-T2-A
Flat-lead 4-pin thin-
type super minimold
(M04) (Pb-Free)
3 kpcs/reel
• 8 mm wide embossed taping
• Pin 1 (Source), Pin 2 (Drain) face
the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: NE3510M04-A
ABSOLUTE MAXIMUM RATINGS (TA = +25 C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
3.0
V
I
t
n
e
r
r
u
C
n
i
a
r
D
D
IDSS
mA
I
t
n
e
r
r
u
C
e
t
a
G
G
140
A
Total Power Dissipation
Ptot
Note
125
mW
Channel Temperature
Tch
+150
C
Storage Temperature
Tstg
65 to +150
C
Note Mounted on 1.08 cm
2
1.0 mm (t) glass epoxy PCB


Similar Part No. - NE3510M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3510M04-T2 RENESAS-NE3510M04-T2 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3510M04-T2B RENESAS-NE3510M04-T2B Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3510M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com