Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88151A Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB88151A
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88151A Datasheet(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MB88151A
3
■ I/O CIRCUIT TYPE
Note : For XIN and XOUT pins, refer to “
■OSCILLATION CIRCUIT”.
Pin
Circuit type
Remarks
SEL0,
SEL1
CMOS hysteresis input
ENS
CMOS hysteresis input with 50 k
Ω +
800 k
Ω (Typ) pull-up resistors
Note : If “L” is input to XPD when the
XPD function is selected, 50 k
pull-up resistor is disconnected.
CKOUT
• CMOS output
•IOL
= 4 mA
800 k
50 k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
ABE0101Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0111Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ACSD5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS 1 2 3 Abracon Corporation
ABE0113Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0121Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 Abracon Corporation
ASSFL3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR 1 2 Abracon Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn