Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88151A Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. MB88151A
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88151A Datasheet(HTML) 5 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MB88151A
5
■ BLOCK DIAGRAM
1
M
1
N
1
L
IDAC
ICO
VDD
CKOUT
VSS
Rf
= 1 MΩ
SEL1
XOUT
XIN
SEL0
ENS/XPD
Modulation
clock output
Modulation rate
setting
Modulation rate
setting
Modulation enable setting/
Power down setting
Reference clock
PLL block
Reference clock
Phase
compare
V/I
conversion
Modulation logic
Modulation
rate setting/
Modulation
enable setting
Loop filter
Modulation clock
output
MB88151A PLL block
Charge
pump
A glitchless IDAC (current output D/A converter) provides precise modulation,
thereby dramatically reducing EMI.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
ABE0101Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0111Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ACSD5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS 1 2 3 Abracon Corporation
ABE0113Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0121Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 Abracon Corporation
ASSFL3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR 1 2 Abracon Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn