Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MB88151A Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. MB88151A
Description  Spread Spectrum Clock Generator
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB88151A Datasheet(HTML) 4 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MB88151A
4
■ HANDLING DEVICES
Preventing Latch-up
A latch-up can occur if, on this device, (a) a voltage higher than VDD or a voltage lower than VSS is applied to an
input or output pin or (b) a voltage higher than the rating is applied between VDD pin and VSS pin. The latch-up,
if it occurs, significantly increases the power supply current and may cause thermal destruction of an element.
When you use this device, be very careful not to exceed the maximum rating.
Handling unused pins
Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or
pull-down resistor.
Unused output pin should be opened.
The attention when the external clock is used
Input the clock to XIN pin, and XOUT pin should be opened when you use the external clock.
Please pay attention so that an overshoot and an undershoot do not occur to an input clock of XIN pin.
Power supply pins
Please design connecting the power supply pin of this device by as low impedance as possible from the current
supply source.
We recommend connecting electrolytic capacitor (about 10
µF) and the ceramic capacitor (about 0.01 µF) in
parallel between VSS pin and VDD pin near the device, as a bypass capacitor.
Oscillation circuit
Noise near the XIN and XOUT pins may cause the device to malfunction. Design printed circuit boards so that
electric wiring of XIN or XOUT pin and the resonator do not intersect other wiring.
Design the printed circuit board that surrounds the XIN and XOUT pins with ground.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88162Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88161Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
ABE0101Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0111Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ACSD5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS 1 2 3 Abracon Corporation
ABE0113Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0121Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 Abracon Corporation
ASSFL3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR 1 2 Abracon Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn