Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWC0805-10KJ Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # PWC0805-10KJ
Description  Pulse Withstanding Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PWC0805-10KJ Datasheet(HTML) 4 Page - Welwyn Components Limited

  PWC0805-10KJ Datasheet HTML 1Page - Welwyn Components Limited PWC0805-10KJ Datasheet HTML 2Page - Welwyn Components Limited PWC0805-10KJ Datasheet HTML 3Page - Welwyn Components Limited PWC0805-10KJ Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Temperature Derating Curve
125
Ambient Temperature /
°C
75
50
25
0
100
-15
70
155
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Thermal Performance Data
Issue G · 03.06
Packaging
0805 and 1206 PWC series resistors are
supplied on 8mm carrier tape and 7 inch
reels as per IEC 286-3, quantity per
reel; 3000.
2010 and 2512 PWC series resistors are
supplied on 12mm carrier tape and 7
inch reels as per IEC 286-3, quantity per
reel; 2010 : 3000pcs; 2512 : 1800pcs.
Reels of 1000pcs are available on
request.
PWC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
PWC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
of a printed circuit board and wire-leaded components
applied on the other side.
PWC resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended pad
and trace areas are used. Allowance should be made if
smaller areas of copper are used.
A full Application Note on the PWC Series is available.
Ordering Procedure
Specify type reference etc as shown in this example of
PWC2512 10K ohms 1%.
Temperature Rise Curves
80
Power Dissipation /W
60
40
20
0
0
0.5
1
1.5
0805
1206
2010
2512
Application Notes
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
0.8 ± 0.15
9.0
8mm tape: 9mm ± 0.5
12mm tape: 13mm ± 0.5
+ 0.1
- 0.15
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
Tape dimensions in mm
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
nom
±0.15
0805
8
4
4
2
1.5
1
1.75
3.5
1.65
2.45
0.8
0.2
0.05
1.1
1206
8
4
4
2
1.5
1
1.75
3.5
1.95
3.55
1.0
0.2
0.05
1.3
2010
12
4
4
2
1.5
1.5
1.75
5.5
2.79
5.89
0.91
0.28
0.06
1.21
2512
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
Type
PWC
2512
-
10K
F
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
D0.5%
F1%
J5%
Welwyn Components
Welwyn Components


Similar Part No. - PWC0805-10KJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC0805 ETC1-PWC0805 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
More results

Similar Description - PWC0805-10KJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR05 TOKEN-PWR05 Datasheet
434Kb / 7P
   PWR Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com